Part Number Hot Search : 
0213630 1N4763AG TLWR8 00B0L EH680J03 1C102 680MCL LM239DG
Product Description
Full Text Search
 

To Download EMK105SD222JV-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ?y features  goy ordering code ; my applications 58 tmk 316sd104kl _ t z 6 7 8 5 4 3 2 1 9 10 11 sd ????? y yf? c??lh ? .p???;`?h9 s ?
qq o ? ??t ni ?; m?\qpz ?~?0?~ ????q`?`h y ??pz ?3?????p???s?? 3;+w???s?t 7 &pb y 1 ?
qz 1 u ?yz;? $ su?x??????w ?v?qt 7 &pb y newly developed dielectric material and the use of nickel for internal elec- trodes provide excellent temperature characteristics with high capacitance, small case size and low cost. y low distortion and low shock noise make these capacitors well suited for use in analog or digital mobile devices. y excellent heat-resistance, high break down voltage, and mechanical strength make these capacitors well suited for replacing film capacitors. ?
u
???????  cfcap  super low distortion multilayer ceramic capacitors (cfcap ) k m 10 k plated sd standard 1 3 end termination 5 series symbol 7 capacitance tolerances flg k standard products 9 b bulk t tape & reel f 4mm pitches g f tape & reel f 2mm pitches g v0.5 a0.8 d0.85 f 1.15 g 1.25 l1.6 8 thickness f mm g 4 dimensions(case size) f mm g 10 11 packaging internal code 105 f 0402 g 1.0 p 0.5 107 f 0603 g 1.6 p 0.8 212 f 0805 g 2.0 p 1.25 316 f 1206 g 3.2 p 1.6 b o ? f >n? g t ???a?e?? f 4mm e?? g f ???a?e?? f 2mm e?? g 105 f 0402 g 1.0 p 0.5 107 f 0603 g 1.6 p 0.8 212 f 0805 g 2.0 p 1.25 316 f 1206 g 3.2 p 1.6 k m 10 % k y?? ? 1 35 3???g? 7 0??0) k a j x?7 9 a
8
a ?? f mm g 6 ? ?
i ?0? fa f g 4  y
go f eia g l p w f mm g 10 ptgg? 11 v0.5 a0.8 d0.85 f 1.15 g 1.25 l1.6 ? 223 0.022 104 0.1 z a j ? zw ?? special code z standard products k 55 vj 125 c operating temp. y signal line for av products y analog signal coupling applications y pll circuit of mobile phones y good temperature characteristics for time constant circuits, oscillation cir- cuits and filters y av ;+srw ??s? y ??? ??w????; m y  3 ?w pll s? y ?s9 s ?
qt?? 
:s?z c ?s?z????sr 6 nominal capacitance fa f g example 223 0.022 104 0.1 z w blank space z? ?? m
u
??? 2 3??? m multilayer ceramic capacitors series name 2 u50 g35 t25 e16 l10  ?y h vdc i u50 g35 t25 e16 l10 rated voltage h vdc i
?
goy external dimensions capacitors 4 59 type f eia g lw t e g mk105 1.0 m 0.05 0.5 m 0.05 0.5 m 0.05 v 0.25 m 0.10 (0402) f 0.039 m 0.002 gf 0.020 m 0.002 gf 0.020 m 0.002 gf 0.010 m 0.004 g g mk107 1.6 m 0.10 y 0.8 m 0.10 0.8 m 0.10 a 0.35 m 0.25 (0603) f 0.063 m 0.004 gf 0.031 m 0.004 gf 0.031 m 0.004 gf 0.014 m 0.010 g 0.85 m 0.10 d g mk212 2.0 m 0.10 1.25 m 0.10 f 0.033 m 0.004 g 0.5 m 0.25 (0805) f 0.079 m 0.004 gf 0.049 m 0.004 g 1.25 m 0.10 g f 0.020 m 0.010 g f 0.049 m 0.004 g 1.15 m 0.10 f g mk316 3.2 m 0.15 1.6 m 0.15 f 0.045 m 0.004 g 0.5 00000 (1206) f 0.126 m 0.006 gf 0.063 m 0.006 g 1.6 m 0.20 l f 0.020 yyy g f 0.063 m 0.008 g unit d mm (inch) j 0.35 k 0.25 ?t??3??y available capacitance range j 0.014 k 0.010 f ???g?x
a ??? `?b{ letters inside the shaded boxes indicate thickness. p.60 p.61 p.78 p.62 p.86 p.10 ??aa part numbers ?
q
$ electrical characteristics a packaging ?t
q reliability data ?; w ?? precautions ?3???? selection guide a a a a v v v v v v 50v a 25v a a 16v 25v v 50v 16v 10v a a 10v type temp.char vdc [pf:3digits] 471 681 102 152 222 332 472 682 103 153 223 333 473 683 104 107 105 212 316 sd sd d d d 50v d g 35v d 16v d g g 10v f f l 25v sd f 35v sd cap [ a f] 0.00047 0.00068 0.0010 0.0015 0.0022 0.0033 0.0047 0.0068 0.010 0.015 0.022 0.033 0.047 0.068 0.10 sd m 10 f k g 0.1%max. 3????? series code
i ?0??0) hli capacitance tolerance tan dhli dissipation factor
60 part numbers ??aa f 105type f 0402 case size g ? 10 ? * 0.5 m 0.05 f 0.020 m 0.002 g y? thickness h mm i f inch g
i ?0? ?0) capacitance tolerance ?
e soldering method r: ? ?? reflow soldering w: ?? wave soldering tan  dissipation factor h % i max. 9 s ?
q temperature characteristics standard type ?yy ?
i ?0? capacitance h a f i ehs (environmental hazardous substances) y ?yy rated voltage yy ordering code f 107type f 0603 case size g ? 10 ? * 0.8 m 0.1 f 0.031 m 0.004 g y? thickness h mm i f inch g
i ?0? ?0) capacitance tolerance ?
e soldering method r: ? ?? reflow soldering w: ?? wave soldering tan  dissipation factor h % i max. 9 s ?
q temperature characteristics standard type ?yy ?
i ?0? capacitance h a f i ehs (environmental hazardous substances) y ?yy rated voltage yy ordering code f 212type f 0805 case size g ? 10 ? * 0.85 m 0.1 f 0.033 m 0.004 g 1.25 m 0.1 f 0.049 m 0.004 g 0.85 m 0.1 f 0.033 m 0.004 g 1.25 m 0.1 f 0.049 m 0.004 g y? thickness h mm i f inch g
i ?0? ?0) capacitance tolerance ?
e soldering method r: ? ?? reflow soldering w: ?? wave soldering tan  dissipation factor h % i max. 9 s ?
q temperature characteristics standard type ?yy ?
i ?0? capacitance h a f i ehs (environmental hazardous substances) y ?yy rated voltage yy ordering code f 316type f 1206 case size g ? 10 ? * 1.15 m 0.1 f 0.045 m 0.004 g 1.6 m 0.2 f 0.063 m 0.008 g y? thickness h mm i f inch g
i ?0? ?0) capacitance tolerance ?
e soldering method r: ? ?? reflow soldering w: ?? wave soldering tan  dissipation factor h % i max. 9 s ?
q temperature characteristics standard type ?yy ?
i ?0? capacitance h a f i ehs (environmental hazardous substances) y ?yy rated voltage yy ordering code umk105 sd3 9 1kv umk105 sd4 7 1kv umk105 sd5 6 1kv tmk105 sd6 8 1kv tmk105 sd8 2 1kv tmk105 sd1 0 2kv tmk105 sd1 2 2kv emk105 sd1 5 2kv emk105 sd1 8 2kv emk105 sd2 2 2kv emk105 sd2 7 2kv l mk105 sd3 3 2kv l mk105 sd3 9 2kv l mk105 sd4 7 2kv 50v 25v 16v 10v rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 standard type 0.1 r +?) fm 5% g ? 0 ?`?b{?
?xi^m{yyy 5ifqspevduxjui+upmfsbodfpg m 5% is also available. please contact our local sales. umk10 7 sd1 0 2ka umk10 7 sd1 2 2ka umk10 7 sd1 5 2ka umk10 7 sd1 8 2ka umk10 7 sd2 2 2ka umk10 7 sd2 7 2ka umk10 7 sd3 3 2ka tmk10 7 sd3 9 2ka tmk10 7 sd4 7 2ka emk10 7 sd5 6 2ka emk10 7 sd6 8 2ka emk10 7 sd8 2 2ka emk10 7 sd1 0 3ka l mk10 7 sd1 2 3ka l mk10 7 sd1 5 3ka l mk10 7 sd1 8 3ka l mk10 7 sd2 2 3ka 50v 25v 16v 10v rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 standard type 0.1 r +?) fm 5% g ? 0 ?`?b{?
?xi^m{yyy 5ifqspevduxjui+upmfsbodfpg m 5% is also available. please contact our local sales. umk21 2 sd3 9 2kd umk21 2 sd4 7 2kd umk21 2 sd5 6 2kd umk21 2 sd6 8 2kd umk21 2 sd8 2 2kd umk21 2 sd1 0 3kd gmk21 2 sd1 2 3kd gmk21 2 sd1 5 3kd gmk21 2 sd1 8 3kg gmk21 2 sd2 2 3kg gmk21 2 sd2 7 3kg emk21 2 sd3 3 3kd l mk21 2 sd4 7 3kd l mk21 2 sd6 8 3kg l mk21 2 sd8 2 3kg l mk21 2 sd1 0 4kg 50v 35v 16v 10v rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs rohs 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.047 0.068 0.082 0.1 standard type 0.1 r +?) fm 5% g ? 0 ?`?b{?
?xi^m{yyy 5ifqspevduxjui+upmfsbodfpg m 5% is also available. please contact our local sales. gmk316 sd3 3 3kf gmk316 sd3 9 3kf t mk316 sd4 7 3kf t mk316 sd5 6 3kf t mk316 sd6 8 3kf t mk316 sd8 2 3kl t mk316 sd1 0 4kl 35v 25v rohs rohs rohs rohs rohs rohs rohs 0.033 0.039 0.047 0.056 0.068 0.082 0.1 standard type 0.1 r +?) fm 5% g ? 0 ?`?b{?
?xi^m{yyy 5ifqspevduxjui+upmfsbodfpg m 5% is also available. please contact our local sales.


▲Up To Search▲   

 
Price & Availability of EMK105SD222JV-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X